PART |
Description |
Maker |
1SAR503141R0002 1SAR503041R0003 |
SPECIAL RELAY-SAFETY RELAY, 5PST, MOMENTARY, DIN-RAIL MOUNT SPECIAL RELAY-SAFETY RELAY, 5PST, MOMENTARY, 24VDC (COIL), 5A (CONTACT), DIN-RAIL MOUNT
|
ABB SWITZERLAND LTD SEMICONDUCTORS
|
1SAR502040R0004 |
SPECIAL RELAY-SAFETY RELAY, 4PST, MOMENTARY, DIN-RAIL MOUNT
|
ABB SWITZERLAND LTD SEMICONDUCTORS
|
RIF-2-RSC-LDP-125DC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 125 V DC
|
PHOENIX CONTACT
|
FDJ1028N |
Plug-In Relay; Contacts:DPDT; Contact Carry Current:12A; Coil Voltage AC Max:12V; Relay Mounting:Plug-In; Relay Terminals:8-Pin Octal; Relay Options:Hermetically Sealed; Coil Resistance:72ohm; Contact Carrying Power:1.2W RoHS Compliant: Yes N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
V23047-A1024-A501 V23047-A1024-A511 V23047-A1018-A |
Safety Relay SR2M
|
Tyco Electronics
|
G9SB-2002-A G9SB-200-D G9SB-301-B G9SB-301-D |
Safety Relay Unit
|
Omron Electronics LLC
|
SF2D-DC24V SD2D-DC5V SF4D-DC60V SF2D-DC12V SF2D-DC |
POLARISED, MONOSTABLE SAFETY RELAY
|
NAIS[Nais(Matsushita Electric Works)]
|
ST-REL7-KG48 |
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 48 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
|
PHOENIX CONTACT
|
CMA6025-10 CMA6075P-10 CMD60110 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Crydom Inc. CRYDOM CORP
|
X25020 X25020P X25020P-2.7 X25020P-3 X25020PI X250 |
SPI Serial E2PROM with Block LockTM Protection SPI串行E2PROM的保护与块LockTM Solid State Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:125A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:90A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Hitachi,Ltd. XICOR[Xicor Inc.]
|
MAX3766E/D |
622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
|
Maxim Integrated Products, Inc.
|
MAX3766 MAX3766EEP MAX3766E_D |
622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
|
MAXIM[Maxim Integrated Products]
|